Part Number Hot Search : 
BZG05C33 GP20A E39CA ML120G10 74LS04 C4503AS1 GD103SD BC559C
Product Description
Full Text Search
 

To Download LV762XXX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  specifications of any and all sanyo semiconductor co.,l td. products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer ' s products or equipment. to verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer ' sproductsor equipment. any and all sanyo semiconductor co.,ltd. products described or contained herein are, with regard to "standard application", intended for the use as general el ectronics equipment (home appliances, av equipment, communication device, office equipment, industrial equ ipment etc.). the products mentioned herein shall not be intended for use for any "special application" (medica l equipment whose purpose is to sustain life, aerospace instrument, nuclear control device, burning appliances, t ransportation machine, traffic signal system, safety equipment etc.) that shall require extremely high level of re liability and can directly threaten human lives in case of failure or malfunction of the product or may cause har m to human bodies, nor shall they grant any guarantee thereof. if you should intend to use our products for app lications outside the standard applications of our customer who is considering such use and/or outside the scope of our intended standard applications, please consult with us prior to the intended use. if there is n o consultation or inquiry before the intended use, our customer shall be solely responsible for the use. 52009 ms no.a1447-1/6 LV762XXX series overview the LV762XXX series is a single-chip video and sound processor ic with a built-in microcontroller that supports all of the ntsc, pal and secam broadcasting systems. the ic provides fully integrated solution to rationalize the design of color tv sets, increase productivity, and reduce total costs. functions ? i 2 c bus control system with a built-in microcontroller ? vif/sif/y/c/deflection/cbcr in ? adjustment-free vif/sif ? 1x?tal multi-system that supports ntsc, pal and secam broadcasting systems ? no vco coil required ? internal sound carrier bpf, 4-system sound carrier trap ? digital aft system bi-cmos ic for ntsc/pal/secam color tvs built-in ctv microcontroller video and sound processing ics (vif/sif/y/c/deflection/cbcr in) orderin g numbe r : ena1447a www.datasheet.co.kr datasheet pdf - http://www..net/
LV762XXX series no.a1447-2/6 lineup type no. secam tone/surround e/w teletext rom lv762102f flash 64k(p:48k,gc:16k) lv762102c mask 64k(p:48k,gc:16k) lv762113f { flash 128k(p:96k,gc:32k) lv762113c { mask 128k(p:96k,gc:32k) lv762133f { { flash 128k(p:96k,gc:32k) lv762133c { { mask 128k(p:96k,gc:32k) lv762213f { { flash 128k(p:96k,gc:32k) lv762213c { { mask 128k(p:96k,gc:32k) lv762232f { { { flash 64k(p:48k,gc:16k) lv762232c { { { mask 64k(p:48k,gc:16k) lv762233f { { { flash 128k(p:96k,gc:32k) lv762233c { { { mask 128k(p:96k,gc:32k) lv76233n5f { { { { flash 192k(p:140k,gc:52k) specifications maximum ratings (bip chip) at ta = 25 c parameter symbol conditions ratings unit v 62 max 6.0 v maximum supply voltage v 4 max 6.0 v i 9 max 15 ma i 20 max 20 ma maximum supply current i 49 max 26.5 ma allowable power dissipation pd max ta 65 c * 1.3 w operating temperature topr -10 to +65 c storage temperature tstg -55 to +150 c * mounted on a substrate: 230mm 150mm 1.6mm, glass epoxy board. absolute maximum ratings (micro-computer chip) at ta = 25 c, v ss = 0v ratings parameter symbol pins conditions min typ max unit maximum supply voltege v dd max cpuv dd -0.3 +6.0 v input voltege v i xt1, res -0.3 v dd +0.3 v v o (1) xt2, filt -0.3 v dd +0.3 v output voltege v o (2) cpuv dd 2 -0.3 3.3v+0.3 v input/output voltege v io ports0, 1 -0.3 v dd +0.3 v peak output current i o ph ports04 to 07, 1 ? cmos output ? for each pin. -10 ma mean output current i o mh ports04 to 07, 1 ? cmos output ? for each pin. -1 ma high level output current total output current i o ah ports04 to 07, 1 the total of all pins. -25 ma peak output current i o pl ports0, 1 for cach pin 20 ma i o ml(1) p02, p03, p06, p07 ports1 for cach pin 1 ma mean output current i o ml(2) p00, p01, p04, p05 for cach pin 8 ma i o al(1) p02, p03, p06, p07 ports1 the total of all pins. 45 ma low lever output current toral output current i o al(2) p00, p01, p04, p05 the total of all pins. 16 ma www.datasheet.co.kr datasheet pdf - http://www..net/
LV762XXX series no.a1447-3/6 operating conditions (bip chip) at ta = 25 c parameter symbol conditions ratings unit v 62 5.0 v recommended supply voltage v 4 5.0 v i 9 11 ma i 20 13 ma recommended supply current i 49 22 ma v 62 4.7 to 5.3 v operating supply voltage range v 4 4.7 to 5.3 v i 9 9 to 13 ma i 20 11 to 15 ma operating supply current range i 49 20.5 to 26.5 ma recommended operating range (micro-computer chip) at ta = -10 c to +65 c, v ss = 0v ratings parameter symbol pins conditions v dd [v] min typ max unit operating supply voltege v dd cpuv dd 0.229 s t cyc 200 s 4.5 5.5 v hold voltage v hd cpuv dd rams and the registers data are kept in hold mode. 2.0 5.5 v vih (1) ports0, 1, p00 port input /interrupt 4.5 to 5.5 0.3v dd +0.7 v dd v vih (2) port00 watch-dog timer 4.5 to 5.5 0.9v dd v dd v high level input voltage vih (3) res 4.5 to 5.5 0.75v dd v dd v vil (1) ports0, 1, p00 port input /interrupt 4.5 to 5.5 v ss 0.1v dd +0.4 v vil (2) port00 watch-dog timer 4.5 to 5.5 v ss 0.15v dd +0.4 v low level input voltage vil (3) res 4.5 to 5.5 v ss 0.25v dd v t cyc (1) all functions operating 4.5 to 5.5 0.231 s operation cycle time (*1) t cyc (2) osd and data slicer are not operating 4.5 to 5.5 0.231 200 s fmvco1 built-in vco1 oscillation system clock 4.5 to 5.5 13.0 mhz ocksel = 0 12.5 mhz fmvco1 (*2) built-in vco2 oscillation osd clock ocksel = 1 4.5 to 5.5 16.6 mhz fmrc built-in rc oscillation 4. 5 to 5.5 0.3 1.0 2.0 mhz oscillation frequency range fsx'tal xt1 (p07) xt2 (p06) at the 32.768khz crystal oscillating see the figure 1 4.5 to 5.5 32.768 khz oscillation stabilizing time tmsvco ? after the hold mode ? power-on 4.5 to 5.5 300 ms (note) flash-rom erase/writ e temperature range : ta = 25 2 c (v dd = 4.5 to 5.5v) (*1) relational expression between t cyc and oscillation frequency ; 1/1 frequency dividing : 3/fmvco1, 1/ 2 frequency dividing : 6/fvco1. (*2) ocksel is the selectable register for osd clo ck frequency. (see the lc873200 users manual for details.) www.datasheet.co.kr datasheet pdf - http://www..net/
LV762XXX series no.a1447-4/6 package dimensions unit : mm (typ) 3300 sanyo : dip64s(600mil) 57.2 0.5 0.95 (1.01) 1.78 (4.25) 3.8 5.1max 0.51min 13.8 15.24 0.2 1 32 64 33 www.datasheet.co.kr datasheet pdf - http://www..net/
LV762XXX series no.a1447-5/6 block diagram rf agc video out /svo ext-r in 0.1 f 510 ? 12k ? + 100 f v det reset v dd 5 cvbs ped_in aft reset r g b fs i xtsel cpu clock v dd 3 data clock hs vs c_sync sw saw fil fm det lim amp rf agc video sw dc vol (2 2) (2 3) tone 900k det sw sw video amp if agc trap spll bpf vif amp sound det 1chip v dd dc adj sw pal sw demo fsc (eht) ver ramp ver c/d ver sep hor v cc hor out video det vco bpf fmamp clmp cpu core base timer rom ram osd rst pll bus clock control timer 0 adc i/o port 0 i/o port 1 (2 1) (2 3) e/w sw 1h dl v/y sw dl sharp color clamp rgb matrix ext rgb sw contrast bright drive/out-off osd sw osd contrast tint sync sep afc1 hor c/d hor vco phase shifter 1/256 afc2 trap (22 ) (23 ) secam decoder ext rgb contrast drive out-off 1 ext-l in 0.1 f 2 int-v 0.1 f 3 27 28 29 30 31 v cc : 5v vcd 0.01 f bs sg dc rest 22k ? + 100 f 0.01 f 0.047 f 0.1 f (m) (m) (metal film) 10k ? 1m ? 100 ? 4 + 100 f v dd 0.01 f filt cpu v dd 2 p00/int0/so0 p01/int1/si0,sb0 p02/sck0 p13/tvpwmd p14/si 10, sb10 32 p15/sck10 24 + 2.2 f 0.033 f 25 + 1 f 26 ext-v 0.1 f 5 moni-r 6 yc-y 0.1 f 7 yc-c (fb in) 0.1 f 8 9 dvd-y (g in) 1chip v dd (3.3v) 0.1 f 10 300 ? + 100 f 0.01 f 20 1500pf 21 or in (r in) 0.1 f 11 15pf 12 cb in (b in) 0.1 f 13 fsc (eht) abl acl 15 nc (2 1:e/w) (2 3:e/w) 16 ver out hor v cc (5v) 17 hor out fbp 22 18 19 20k ? 23 0.47 f 30k ? 0.1 f 14 fm out (moni-l) + 100 f 64 63 v cc : 5v if 62 38 37 36 35 34 yc sw acc bpf clmp vxo apc1 apc2 vco dds osd fbp hs vs bus 0.01 f 0.022 f 0.022 f 39 ? + 100 f 0.01 f 61 + 0.33 f p05/an5 p06/an6/xt2 p07/an7/xt1 cpu gnd p04/an4 p03/int3 irda p17/sck11 p16/so1/si11, sb11/t1pwml 33 p11 41 40 39 p12 42 60 59 58 57 56 55 45 54 53 0.47 f 560 ? 0.47 f 0.47 f(m) 3300pf 52 rgb v cc (9.0v) 50 49 r out audio l out audio r out g out b out abl 48 43 1chip gnd 44 47 46 100k ? if in 51 res 33pf 100pf 10 h 68pf 33pf 5.6 h www.datasheet.co.kr datasheet pdf - http://www..net/
LV762XXX series ps no.a1447-6/6 sanyo semiconductor co.,ltd. assumes no responsib ility for equipment failures that result from using products at values that exceed, even momentarily, rate d values (such as maximum ra tings, operating condition ranges, or other parameters) listed in products specif ications of any and all sanyo semiconductor co.,ltd. products described or contained herein. sanyo semiconductor co.,ltd. strives to supply high-qual ity high-reliability products, however, any and all semiconductor products fail or malfunction with some probabi lity. it is possible that these probabilistic failures or malfunction could give rise to acci dents or events that could endanger human lives, trouble that could give rise to smoke or fire, or accidents that could cause dam age to other property. when designing equipment, adopt safety measures so that these kinds of accidents or e vents cannot occur. such measures include but are not limited to protective circuits and error prevention c ircuits for safe design, redundant design, and structural design. upon using the technical information or products descri bed herein, neither warranty nor license shall be granted with regard to intellectual property rights or any other rights of sanyo semiconductor co.,ltd. or any third party. sanyo semiconductor co.,ltd. shall not be liable f or any claim or suits with regard to a third party's intellctual property rights which has resulted from the use of the technical information and products mentioned above. information (including circuit diagr ams and circuit parameters) herein is for example only; it is not guaranteed for volume production. any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. when designing equi pment, refer to the "delivery specification" for the sanyo semiconductor co.,ltd. product that you intend to use. in the event that any or all sanyo semiconductor c o.,ltd. products described or contained herein are controlled under any of applicable local export control laws and regulations, such products may require the export license from the authorities conc erned in accordance with the above law. no part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any in formation storage or retrieval system, or otherwise, without the prior written consent of sanyo semiconductor co.,ltd. this catalog provides information as of may, 2009. specifications and information herein are subject to change without notice. www.datasheet.co.kr datasheet pdf - http://www..net/


▲Up To Search▲   

 
Price & Availability of LV762XXX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X